|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SBD T y p e : FSL05A015 FSL OULINE DRAWING FEATURES *Similar to TO-220AC Case *Fully Molded Isolation *Extremely Low Forward Voltage Drop *Low Power Loss,High Efficiency *High Surge Capability Maximum Ratings Rating Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque Approx Net Weight: 1.7g Symbol VRRM IO IF(RMS) IFSM Tjw Tstg Ftor 130 5 FSL05A015 15 50 Hz half Sine Wave Tc=103C Resistive Load 7.85 50Hz Half Sine Wave ,1cycle Non-repetitive -40 to +125 -40 to +125 recommended torque = 0.5 Unit V A A A C C N*m Electrical * Thermal Characteristics Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM VFM Rth(j-c) Rth(c-f) Conditions Tj= 25C, VRM= VRRM Tj= 25C, IFM= 5 A Junction to Case Cace to Fin Min. Typ. Max. 5 0.38 5 1.5 Unit mA V C /W C /W FSL_A_ OUTLINE DRAWING (Dimensions in mm) FORWARD CURRENT VS. VOLTAGE FSL05A015 20 INSTANTANEOUS FORWARD CURRENT (A) 10 5 2 Tj=25C Tj=125C 1 0.5 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 INSTANTANEOUS FORWARD VOLTAGE (V) 0 180 CONDUCTION ANGLE AVERAGE FORWARD POWER DISSIPATION FSL05A015 D.C. 3.0 AVERAGE FORWARD POWER DISSIPATION (W) 2.5 RECT 180 HALF SINE WAVE RECT 120 2.0 RECT 60 1.5 1.0 0.5 0 0 2 4 6 8 AVERAGE FORWARD CURRENT (A) PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE Tj= 125 C 500 FSL05A015 PEAK REVERSE CURRENT (mA) 200 0 4 8 12 16 PEAK REVERSE VOLTAGE (V) AVERAGE REVERSE POWER DISSIPATION FSL05A015 D.C. 8 AVERAGE REVERSE POWER DISSIPATION (W) 7 6 5 4 RECT 300 RECT 240 RECT 180 3 HALF SINE WAVE 2 1 0 0 4 8 12 16 REVERSE VOLTAGE (V) 0 180 CONDUCTION ANGLE AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE V RM =15 V FSL05A015 D.C. 8 AVERAGE FORWARD CURRENT (A) 6 RECT 180 HALF SINE WAVE RECT 120. 4 RECT 60. 2 0 0 25 50 75 100 125 CASE TEMPERATURE (C) SURGE CURRENT RATINGS f=50Hz,Sine Wave,Non-Repetitive,No Load 140 FSL05A015 120 SURGE FORWARD CURRENT (A) 100 80 60 40 I FSM 0.02s 20 0 0.02 0.05 0.1 0.2 0.5 1 2 TIME (s) JUNCTION CAPACITANCE VS. REVERSE VOLTAGE Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue 2000 FSL05A015 JUNCTION CAPACITANCE (pF) 1000 500 200 0.5 1 2 5 10 20 REVERSE VOLTAGE (V) |
Price & Availability of FSL05A015 |